Part Number Hot Search : 
2SB628 PSMN1R F1001 12000 G2319 SH7055SF 1812F CY7C15
Product Description
Full Text Search
 

To Download TN5D61A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1240
TN5D61A
SANYO Semiconductors
DATA SHEET
TN5D61A
Features
* * * * * *
ExPD (Excellent-Performance Power & RF Device)
Separately-Excited Step-Down Switching Regulator (24V Output type)
High efficiency (ON resistance 100m, Vertical-type P-ch Power MOSFET). Over current protection function (Self recovery type). Under voltage protection function. Over temperature protection function (Self recovery type). Soft start function (Variable subject to externally-connected capacitor). Stand-by mode function (Compatible with soft start terminal).
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Maximum Input Voltage Maximum Output Current Drain-to-Source Voltage of built-in MOSFET Drain Current of built-in MOSFET (DC) Drain Current of built-in MOSFET (Pulse) FB Pin Maximum Input Voltage SS Pin Maximum Input Voltage Allowable Power Dissipation Operating Temperature Junction Temperature Storage Temperature Symbol VIN max IO max VDSS ID IDP Vfb VSS PD Topr Tj Tstg Tc=25C PW10s, duty cycle1% Conditions Ratings 57 5 --60 --9 --36 30 7 2.0 15 --25 to +125 150 --55 to +150 Unit V A V A A V V W W C C C
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
www.semiconductor-sanyo.com/network
N1208IQ MS IM TC-00001714 No. A1240-1/11
TN5D61A
Recommend Operating Conditions
Parameter Input Voltage Output Current Operating Temperature Range Symbol VIN IOUT Topr rec Ta=25C Ta=25C Conditions Ratings 30 to 48 0 to 5 --10 to +85 Unit V A C
Electrical Characteristics at Ta=25C, See Specified Test Circuit
Parameter Output Voltage Efficiency Drain-to-Source Breakdown Voltage of built-in MOSFET Drain-to-Source On Resistance of built-in MOSFET Switching Frequency Maximum Duty Line Regulation Load Regulation Output Voltage Temperature Coefficient *1 Over-Current-Protection-Operation -Threshold Current Under-Voltage-Protection-Operation -Threshold Voltage Under-Voltage-Protection-Operation -Release Voltage Under-Voltage-Protection Hysteresis Voltage Over-Temperature-Protection-Operation -Threshold-Current *1 Over-Temperature-Protection-Operation -Release Temperature *1 Over-Temperature-Protection -Hysteresis Temperature *1 SS Terminal Current Standby Operating Voltage Standby Current Symbol VOUT V(BR)DSS RDS(on) Freq Duty max Vline Vload VO / Ta Iocp Vuvlo on Vuvlo off Vuvlo hys Ttsd on Ttsd off Ttsd hys ISS Vstb on Istb VIN=40V VIN=40V VIN=40V, VSS=0V Conditions VIN=40V, IOUT=3A VIN=40V, IOUT=3A ID=-1mA, VIN, GND, Vfb, VSS=0V ISW=5A VIN=40V, IOUT=3A VIN=40V, Vfb=0V VIN=30 to 48V, IOUT=3A VIN=40V, IOUT=0.5 to 5A VIN=40V, IOUT=3A, Ta= -25 to +125C VIN=40V 5.1 7.2 8.1 120 88 Ratings min 23.3 typ 24.0 94 --60 100 150 92 260 140 2.4 7.5 8.0 9.0 1.0 165 140 25 10 0.3 500 10 8.8 9.9 180 96 400 200 max 24.7 Unit V % V m kHz % mV mV mV / C A V V V C C C A V A
Note: the values with "*1" are our targeted values, but not guaranteed.
Package Dimensions
unit : mm (typ) 7527-001
10.0 3.2
3.5
4.5 2.8
16.0
7.2
1.6
2.4 0.9 0.5
14.0 12.5 (5.9)
1 1.27 2.54
2
3 4
5 0.7 3.81 2.75
1 : VIN 2 : GND 3 : SWOUT 4 : FB 5 : SS SANYO : TO-220FI5H-HB
1.27
2.54
No. A1240-2/11
TN5D61A
Block Diagram
VIN 1 Under Voltage Protect Over Temperature Protect Over Current Protect SENSE Pch MOSFET
3 SWOUT
OUTPUT
OSC SS 5 SOFTSTART Band Gap + -GND 2 AMP
-COMP +
4 FB
Pin Functions
Pin No. 1 2 3 4 5 Symbol VIN GND SWOUT FB SS GND Pulse Voltage Output Feedback from Output Voltage For Soft Start Capacitor Connection and Standby Mode Switching Function Power Supply Input (Maximum 57V)
Application Circuit Example
1 VIN VIN 5 SS + 2 GND
SWOUT 3 VOUT FB 4 +
GND
GND
No. A1240-3/11
TN5D61A
7 5 3 2
Forward Bias A S O
10
ID= --9A
10
2.5
PD -- Ta
0
Allowable Power Dissipation, PD -- W
IDP= --36A
<10s 10
s
s
2.0
Drain Current, ID -- A
--10 7 5 3 2 --1.0 7 5 3 2
1m
s
Operation in this area is limited by RDS(on). Tc=25C Single pulse
2 3 5 7 --1.0 2 3
10 DC 0m op s era tio
ms
1.5
No
he
at
sin
k
n
1.0
0.5
--0.1 --0.1
0 5 7 --10 2 3 5 7 --100 IT13749 0 20 40 60 80 100 120 140 160
Drain-to-Source Voltage, VDS -- V
20
Ambient Temperature, Ta -- C
IT12620
PD -- Tc
Allowable Power Dissipation, PD -- W
15
10
5
0 0 20 40 60 80 100 120 140 160
Case Temperature, Tc -- C
IT13750
Specified Circuit for Electrical Characteristics [Circuit]
L1 IC1 VIN 12345 + C1 C3 D1 C6 + C2 R3 VOUT
GND
GND
IT12637
[Components]
Symbol C1 C2 C3 C6 R3 L1 D1 Component Electrolytic Capacitor Electrolytic Capacitor Capacitor Ceramic Capacitor Metal Oxide Film Resistor Choke Coil Schottky Barrier Diode Specification 3000 to 3600F 2000 to 2200F 0.1F 1000pF 47 / 2W 100H SBT250-06J
* When measuring ripple noise voltage, put 47F (electrolytic capacitor) and 0.1F (ceramic or film capacitor) into measuring point.
No. A1240-4/11
TN5D61A
Evaluation Board [Circuit]
L1 IC1 R3 12345 C1A + + C1B + C3 D1 C6 C5 C1C + C2A R2 C4 R1 VOUT
F1 VIN FUSE
GND
GND
IT12638
[Components]
Symbol F1 C1A C1B C1C C2A C3 C4 C5 C6 R1 R2 R3 L1 D1 Fuse Electrolytic Capacitor Electrolytic Capacitor Electrolytic Capacitor Electrolytic Capacitor Film Capacitor N.C. N.C. Ceramic Capacitor Jumper Line N.C. Metal Oxide Film Resistor Choke Coil Schottky Barrier Diode 47 / 2W HK-10S100-1010 SBT250-06J Matsushita Electronic Components Corp. TOHO ZINC CO.,LTD. SANYO Semiconductor Co., Ltd. 100H 1000pF Murata Manufacturing Co., Ltd. Component 4A 1200F / 80V 1200F / 80V 1200F / 80V 2200F / 35V 0.1F / 100V Specification Littelfuse Nippon Chemi-Con Corp. Nippon Chemi-Con Corp. Nippon Chemi-Con Corp. SANYO Electronic Co., Ltd. Matsushita Electronic Components Corp. Maker 452 004 KZE KZE KZE MV ECQ-B Remark
No. A1240-5/11
TN5D61A
Recommended PCB Pattern TO-220FI5H-HB Specification Silk Printing (Top View)
TO-220FI5H-HB Specification Pattern (Perspective View)
No. A1240-6/11
TN5D61A
Output Voltage -- Output Current
24.8 24.6 24.4 90 100
Efficiency -- Output Current
VIN=30V
48V
Output Voltage -- V
40V
24.2 24.0 23.8 23.6 23.4 23.2 0 1
VIN=48V 40V
30V
Efficiency -- %
3 4 5 IT13751
80
70
60 2 0 1 2 3 4 5 IT13752
Output Current -- A
30
Output Current -- A
24.8 24.6
Characteristic of Output Current Protection
Output Voltage -- Input Voltage
25
Output Voltage -- V
20
Output Voltage -- V
VIN=48V
24.4
30V
24.2 24.0 23.8 23.6
15
=3A I OUT 5A
10
5 23.4 0 0 2 4 6 8 10 IT13753 3.0 23.2 10
20
30
40
50
60 IT13754
Output Current -- A
6
Input Voltage -- V
Input Current -- Input Voltage
Power Loss -- Input Voltage
5
2.5
Input Current -- A
4
Power Loss -- W
IO U
2.0
T =5
IOUT=5A
A
3
1.5
2
3A
3A
1.0
1
0.5
0 10
20
30
40
50
60 IT13755
0 10
20
30
40
50
60 IT13756
Input Voltage -- V
Input Voltage -- V
180
Output Voltage -- Tc
24.8
Oscillation Frequency -- Tc
VIN=40V
VIN=40V
24.6 24.4
Oscillation Frequency -- kHz
170
Output Voltage -- V
160
24.2 24.0 23.8 23.6 23.4 23.2 --25
IOUT=3A
150
A I OUT=3
140
130
0
25
50
75
100 IT13757
120 --25
0
25
50
75
100 IT13758
Case Temperature, Tc -- C
Case Temperature, Tc -- C
No. A1240-7/11
TN5D61A
26
Input Reduced-Voltage Characteristic
25
Output Voltage -- V
24
IOUT=3A
5A
23
22
21
20 10
15
20
25
30
35
40 IT13759
Input Voltage -- V IOUT=3A 10V / div
Input / Output Voltage -- V
Output Voltage Rising Characteristic
Output Voltage Falling Characteristic
IOUT=3A 10V / div
Input / Output Voltage -- V
20ms
Input voltage: VIN=40V
Input voltage: VIN=40V
40ms
Output voltage: VOUT=24V ON
Output voltage: VOUT=24V
IT13760
IT13761
Output Voltage Rising Characteristic
IOUT=5A 10V / div
Input / Output Voltage -- V
Output Voltage Falling Characteristic
IOUT=5A 10V / div
Input / Output Voltage -- V
20ms Input voltage: VIN=40V
Input voltage: VIN=40V
40ms
Output voltage: VOUT=24V ON
Output voltage: VOUT=24V
IT13762
Capacitance of Soft Start Capacitor -Output Voltage Rising Characteristic
5V / div 10ms
Output Voltage -- V Output Voltage -- V
Capacitance of Soft Start Capacitor -Output Voltage Rising Characteristic
5V / div 10ms C=0.01F
IT13763
VIN=40V IOUT=3A
VIN=40V IOUT=5A
C=0.01F
C=0.1F
C=0.1F
C=0.22F ON
C=0.22F ON
IT13764
IT13765
No. A1240-8/11
TN5D61A
Example of Over-voltage Protection Circuit. Generally, in constant-voltage power supply circuit, output voltage will become higher than the specified value (overvoltage state) in case of any failures or PC board solderability defects. To minimize the damage caused by this over voltage, we recommend setting an over-voltage protection circuit. In designing, the following confirmations are necessary in actual circuit. 1) How the over-voltage protection circuit operates and its effects. 2) Is there any malfunction due to ambient temperature change of each device or exogenous noises? Over-voltage Protection Circuit Example
F1 VIN FUSE THYRISTOR Constant-voltage power supply VOUT ZD
C
R
GND
GND
IT12639
Example of Over-voltage Protection Circuit The thyristor will operate when it accept an over-voltage (VOUT) signal, then the fuse is melted and the input power is cut off, then the operation of IC1 is stopped.
F1 VIN FUSE THYRISTOR + C R
IC1 VOUT 12345 ZD +
GND
GND
IT12640
Continued on next page.
No. A1240-9/11
TN5D61A
Continued from preceding page.
SS terminal (5 pin) also acts as standby mode switch. By setting SS terminal (5 pin) voltage to be equal or less than 0.3Vtyp, the output ON/OFF is able to be controlled by external signals. ON/OFF Control Circuit Example
F1 VIN FUSE 12345 + NPN + Signal IC1 VOUT
GND
GND
IT12641
In addition, confirmation of the following points is necessary in actual circuit. 1) How the output ON/OFF control operates and its effects. 2) Is there any malfunction due to the ambient temperature change of each device or exogenous noises? Points to Remember in Pattern Designing 1) Transient large current flows to VIN terminal (1 pin), so we recommend the input capacitor should be 3000F and above. In addition, (+) (-) terminals of the input capacitor should be set near to VIN terminal (1 pin) and GND terminal (2 pin). 2) Large current flows to C1A to C, VIN terminal (1 pin) of IC1, SWOUT terminal (3 pin), D1, L1, and C2A. So, the wiring should be thick and short. 3) FB terminal (4 pin) of IC1 is the feedback terminal from output voltage. It should be near to the output capacitor C2A.
*
For the purpose of ensuring the stability of oscillation, a capacitor should be inserted between SS terminal (5 pin) and GND terminal (2 pin). The absolute maximum rated voltage of SS terminal (5 pin) is 7V. The absolute maximum rated voltage of FB terminal (4 pin) is within the range of 5 to 30V according to the output voltage type. When a voltage equal or higher than the rated value is applied to SS terminal (5 pin) or FB terminal (4 pin) in some cases such as abnormal test, protection measures like inserting fuses should be taken. The built-in over-heat protection is a function to prevent the circuit from overheat state caused by transient temperature rise, but not a function to prevent from abnormal caused by a sudden heat generation. In addition, the reliability of over-heat protection function is guarantee.
*
*
No. A1240-10/11
TN5D61A
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of November, 2008. Specifications and information herein are subject to change without notice.
PS No. A1240-11/11


▲Up To Search▲   

 
Price & Availability of TN5D61A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X